PART |
Description |
Maker |
ICS94258 |
Single Chip, System Clock for PIII/1651 Chipset; SDRAM Clocks with I2C Programmability with Early PCI Clock
|
ICS
|
ICS9248-172 ICS9248YF-172LF-T |
133.33 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48 Single Chip, System Clock for PIII/1651 Chipset up to 147MHz; SDRAM Clocks
|
Integrated Device Technology, Inc. ICS
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
ICS9250-08 |
BX Single Chip Clock, Supports 66.6 - 150MHz
|
ICS
|
ICS9248-114 ICS9248YF-114-T AV9248F-114-T |
AMD-K7 system clock chip AMD - K7⑩ System Clock Chip AMD - K7 System Clock Chip AMD - K7System Clock Chip AMD公司- k7的⑩系统时钟芯片
|
ICST[Integrated Circuit Systems] Integrated Device Technology, Inc.
|
ICS9248-112 |
810E Single Chip Clock, Supports 66.6 - 166MHz
|
ICS
|
ICS9250-23 |
810E Single Chip Clock, Supports 66.6 - 200MHz
|
ICS
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ICS9248-96 ICS9248YF-96LF-T ICS9248YF-96-T |
150 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, LEAD FREE, MO-118, SSOP-48 810E Single Chip Clock, Supports 66 - 157MHz Frequency Generator & Integrated Buffers for Celeron & PII/III⑩
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
ICS9148-08 |
Single Chip, Aladdin IV Clock with up to 83.3MHz From old datasheet system
|
ICS
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
ICS951702 |
PIII?/a> System Clock Chip for DDR SDRAM From old datasheet system Single Chip, Tualatin/ALI1644T/DDR
|
Integrated Device Technology ICS
|